Part Number Hot Search : 
Z1000 H5502K APTGT5 30211506 BC547B ER806 70430 RCM2090R
Product Description
Full Text Search
 

To Download SIL05-1B72-71D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  modifications in the sense of technical progress are reserved designed by: klaus mueller approved by: rudi rippl date : 2002-05-24 page 1 of 1 [vrrp-02.doc] revision / rev. no.: 00 revised by: approved by: date : reed relay: SIL05-1B72-71D headquarter europe meder electronic ag friedrich-list strasse 6 d-78234 engen-welschingen tel.: +49(0)7733-9487-0 fax: +49(0)7733-9487-32 email: info@meder.com internet: www.meder.com headquarter usa meder electronic inc. 766 falmouth rd mashpee, ma 02649 phone: +1/ 508-539-0002 fax: +1/ 508-539-4088 email: salesusa@meder.com part number: 3305072171 dimensions (tolerance 0,1mm) layout 71d/ pitch 2,54 / top view marking type -layout production -code- en60062 coil/relay characteristics conditions at 20c min. typ. max. units coil resistance 450 500 550  nominal voltage 5,0 vdc nominal rated power 50 mw thermal resistance 110 k / w operate voltage 3,5 vdc release voltage 0,75 vdc return voltage 6,5 vdc contact data x (form x/ dry ) contact rating any combination of the switching voltage and current must not exceed the given rated power 15 w switching voltage dc or peak ac 200 v switching current dc or peak ac 1,0 a carry current dc or peak ac 1,25 a static contact resistance (initial) measured with nominal voltage 150 m  insulation resistance rh 45% 10 10  breakdown voltage 250 vdc operate time, including bounce measured with nominal voltage 0,5 ms release time measured with no coil suppression 0,1 ms capacitance 0,3 pf environmental data insulation resistance coil to contact rh 45% 10 11  dielectric strength coil to contact 1,5 kv ac shock ? sine wave, duration 11ms 150 g vibration from 10 - 2000 hz 10 g operating temperature 10c/min max. allowable -20 70 c storage temperature 10c/min max. allowable -35 95 c soldering temperature 5 sec. at 260 c cleaning fully sealed material of case mineral-filled epoxy material of pins feni-alloy tinned


▲Up To Search▲   

 
Price & Availability of SIL05-1B72-71D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X